Part Number Hot Search : 
S3C80E5 AT54S BCR12 C3026 5253B 12GR5S MSMF05LC D1941
Product Description
Full Text Search
 

To Download LMBT4401DW1T1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio com p an y , ltd. maximum r a tings rating symbol v alue unit collector?emitter v oltage v ceo 40 vdc collector?base v oltage v cbo 60 vdc emitter?base v oltage v ebo 6.0 vd c collector current ? continuous i c 60 0 madc thermal characteristics device marking lmbt4401dw1 t1g = 2x electrical characteristics (t a = 25c unless otherwise noted.) characteristic symbol min max unit off characteristics collector?emitter breakdown voltage (2) v (br)ceo vdc (i c = 1.0 madc, i b = 0) 40 ? collector?base breakdown voltage v (br)cbo vdc (i c = 0.1 madc, i e = 0) 60 ? emitter?base breakdown voltage v (br)ebo vdc (i e = 0.1 madc, i c = 0) 6.0 ? base cutoff current i bev adc (v ce = 35 vdc, v eb = 0.4 vdc) ? 0.1 collector cutoff current i cex adc (v ce = 35 vdc, v eb = 0.4 vdc) ? 0.1 2. pulse test: pulse width < 300 s; duty cycle < 2.0%. ? ordering information compliance with rohs requirements. we declare that the material of product lmbt4401dw1t1g 1 3 2 sot-363/sc-88 6 4 5 e 1 b 1 e 2 c 1 b 2 c 2 q 2 q 1 1 2 3 4 5 6 mount transistor dual small signal surface device marking shipping 2x 3000/tape&reel lmbt4401dw1t1g lmbt4401dw1t3g 2x 10000/tape&reel characteristic symbol max unit t ota l package dissipatio n (1) t a = 2 5 c p d 150 mw thermal resistance junction to ambient r  ja 833 c/w junction and storage t emperature range t j , t stg 55 to +150 c 1. device mounted on fr4 glass epoxy printed circuit board using the minimum 1. recommended footprint. rev.o 1/6 s-lmbt4401dw1t1g ? and control change requirements; aec-q101 qualified and ppap capable. s- prefix for automotive and other applications requiring unique site s-lmbt4401dw1t1g s-lmbt4401dw1t3g
leshan radio com p an y , ltd. lmbt4401dw1t1g electrical characteristics (t a = 25c unless otherwise noted) (continued) characteristic symbol min max unit on characteristics ( 2 ) dc current gain h fe ?? (i c = 0.1 madc, v ce = 1.0 vdc) 20 ?? (i c = 1.0 madc, v ce = 1.0 vdc) 40 ?? (i c = 10 madc, v ce = 1.0 vdc) 80 ?? (i c = 150 madc, v ce = 1.0 vdc) 100 300 (i c = 500 madc, v ce = 2.0 vdc) 40 ?? collector?emitter saturation voltage v ce(sat) vdc (i c = 150 madc, i b = 15 madc) ?? 0.4 (i c = 500 madc, i b = 50 madc) ?? 0.75 base?emitter saturation voltage v be(sat) vdc (i c = 150 madc, i b = 15 madc) 0.75 0.95 (i c = 500 madc, i b = 50 madc) ?? 1.2 small?signal characteristics current?gain ? bandwidth product f t mhz (i c = 20 madc, v ce = 10vdc, f = 100 mhz) 250 ?? collector?base capacitance c cb pf (v cb = 5.0 vdc, i e = 0, f = 1.0 mhz) ?? 6.5 emitter?base capacitance c eb pf (v eb = 0.5 vdc, i c = 0, f = 1.0 mhz) ?? 30 input impedance h ie k  (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) 1.0 15 voltage feedback ratio h re x 10 ?4 (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) 0.1 8.0 small?signal current gain h fe ? (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) 40 500 output admittance h oe  mhos (v ce = 10 vdc, i c = 1.0 madc, f = 1.0 khz) 1.0 30 switching characteristics delay time (v cc = 30 vdc, v eb = 2.0 vdc t d ?15 rise time i c = 150 madc, i b1 = 15 madc) t r ?20ns storage time (v cc = 30 vdc, i c = 150 madc t s ? 225 ns fall time i b1 = i b2 = 15 madc) t f ?30 figure 1. turn?on time scope rise time < 4.0ns *total shunt capacitance of test jig connectors, and oscilloscope 1.0 k  +30 v 200  c s *< 10 pf 1.0 k  +30 v 200  c s * < 10 pf 1n916 + 16 v ?14 v < 20 ns <2.0 ns ? 2.0v + 16 v figure 2. turn?off time 1.0 to 100  s, duty cycle = 2% switching time equivalent test circuits 0 0 1.0 to 100  s, duty cycle = 2% ? 4.0 v 2. pulse test: pulse width < 300  s; duty cycle < 2.0%. rev.o 2/6 ;s-lmbt4401dw1t1g
leshan radio com p an y , ltd. transient characteristics i c , collec t or current (ma) figure 4. charge data reverse vo l t age (vo l ts) figure 3. capacitance v cc = 30 v i c / i b = 10 q t t j = 25c t j = 100c c obo c cb q a 1 0 2 0 3 0 5 0 7 0 100 200 300 500 0.1 0.2 0.3 0.5 1.0 2.0 3.0 5.0 1 0 2 0 3 0 5 0 30 20 10 7.0 5.0 3.0 2.0 10 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 0.1 q, charge (pc) ca p aci t ance (pf) t , time (ns) t , rise time (ns) v cc = 30v i c /i b =10 t r @v cc =30v t r @v cc =10v t d @v eb =2.0v t d @v eb =0v i c /i b = 10 1 0 2 0 3 0 5 0 7 0 100 200 300 500 100 70 50 30 20 10 7.0 5.0 1 0 2 0 3 0 5 0 7 0 100 200 300 500 100 70 50 30 20 10 7.0 5.0 t r t f i c , collec t or current (ma) figure 6. rise and fall t ime i c , collec t or current (ma) figure 5. t urn?on t ime i c , collec t or current (ma) figure 8. fall t ime t f , f all time (ns) v cc = 30 v i b1 = i b2 1 0 2 0 3 0 5 0 7 0 100 200 300 500 100 70 5050 30 20 10 7.0 5.0 i c /i b = 10 i c /i b = 20 i c , collec t or current (ma) figure 7. storage t ime t f , s t orage time (ns) t s ? = t s ? 1/8 t f i b1 = i b2 i c /i b = 10 to 20 1 0 2 0 3 0 5 0 7 0 100 200 300 500 300 200 100 70 50 30 rev.o 3/6 lmbt4401dw1t1g ;s-lmbt4401dw1t1g
leshan radio com p an y , ltd. lmbt4401 l t1 unit 1 lmbt4401 l t1 unit 2 h r e , vo l t age feedback r a tio (x 10 ?4 ) h p arameters (v ce = 10 vdc, f = 1.0 khz, t a = 25c) this group of graphs illustrates the relationship between h fe and other ?h? parameters for this series of ransistors. t o obtain these curves, a high?gain and a low?gain unit were selected from the lmbt4401 l t1 lines, and the same units were used to develop the correspondingly numbered curves on each graph. i c , collec t or current (ma) figure 1 1. current gain i c , collec t or current (ma) figure 13. v oltage feedback ratio h fe , current gain 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 7.0 5.0 1 0 300 200 100 70 50 30 20 10 7.0 5.0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 i c , collec t or current (ma) figure 12. input impedance h ie , input impedance ( k  ) 50 20 10 5.0 2.0 1.0 0.5 i c , collec t or current (ma) figure 14. output admittance h oe , output admit t ance (  mhos) 100 50 20 10 5.0 2.0 1.0 small?signal characteristics noise figure v ce = 10 vdc, t a = 25c bandwidth = 1.0 hz nf, noise figure (db) 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 7.0 5.0 1 0 lmbt4401 l t1 unit 1 lmbt4401 l t1 unit 2 lmbt4401 l t1 unit 1 lmbt4401 l t1 unit 2 lmbt4401 l t1 unit 1 lmbt4401 l t1 unit 2 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 7.0 5.0 1 0 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 7.0 5.0 1 0 r s , source resis t ance (k  ) figure 10. source resistance effects nf, noise figure (db) f = 1.0 khz 0.0 1 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 1 0 2 0 5 0 10 0 10 8.0 6.0 4.0 2.0 0 50 0 10 0 20 0 50 0 1.0k 2.0k 5.0k 10 k 20 k 50 k 100k f , frequency (khz) figure 9. frequency effects i c = 50  a i c = 100  a i c = 500  a i c = 1.0 ma i c = 1.0 ma, r s = 150  i c = 500  a, r s = 200  i c = 100  a, r s = 2.0 k  i c = 50  a, r s = 4.0 k  r s = optimum rs = source rs = resistance 10 8.0 6.0 4.0 2.0 0 rev.o 4/6 lmbt4401dw1t1g ;s-lmbt4401dw1t1g
leshan radio com p an y , ltd. s t a tic characteristics i c , collec t or current (ma) figure 15. dc current gain i b , base current (ma) figure 16. collector saturation region i c , collec t or current (ma) figure 17. ?on? v oltages i c , collec t or current (ma) figure 18. t emperature coefficients h fe , normalized current gain v ce , collec t or emitter vo l t age (vo l ts) i c =1.0 ma t j = 125c v ce = 1.0 v v ce =10 v 25c ?55c 10 ma t j = 25c 100ma 500ma 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 1 0 2 0 3 0 5 0 7 0 10 0 2 0 30 0 50 0 3.0 2.0 1.0 0.7 0.5 0.3 0.2 0.01 0.02 0.03 0.05 0.07 0.1 0.2 0.3 0.5 0.7 1.0 2.0 3.0 5.0 7.0 1 0 2 0 3 0 5 0 1.0 0.8 0.6 0.4 0.2 0 v , vo l t age ( vo l ts ) coefficient (mv/ c) t j = 25c  vc for v ce(sat) v be(sat) @ i c /i b =10 v ce(sat) @ i c /i b =10 v be @ v ce =1.0 v  vb for v be 0.1 0.2 0.5 1.0 2.0 5.0 1 0 2 0 5 0 10 0 20 0 50 0 10 0.8 0.6 0.4 0.2 0 +0.5 0 ? 0.5 ?1.0 ?1.5 ?2.0 ? 2.5 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 500 rev.o 5/6 lmbt4401dw1t1g ;s-lmbt4401dw1t1g
leshan radio company, ltd. notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. inches millimeters dim min max min max a 0.071 0.087 1.80 2.20 b 0.045 0.053 1.15 1.35 c 0.031 0.043 0.80 1.10 d 0.004 0.012 0.10 0.30 g 0.026 bsc 0.65 bsc h --- 0.004 --- 0.10 j 0.004 0.010 0.10 0.25 k 0.004 0.012 0.10 0.30 n 0.008 ref 0.20 ref s 0.079 0.087 2.00 2.20 pin 1. emitter 2 2. base 2 3. collector 1 4.emitter 1 5. base 1 6.collector 2 b 0.2 (0.008) a g s h c n j k d 6 p l 6 5 4 1 2 3 - b - m m 0.5 mm (min) 0.4 mm (min) 0.65 mm 0.65 mm 1.9 mm sc - 88/sot - 363 rev.o 6/6 lmbt4401dw1t1g ;s-lmbt4401dw1t1g


▲Up To Search▲   

 
Price & Availability of LMBT4401DW1T1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X